PART |
Description |
Maker |
AD5660ARJZ-1500RL7 AD5660ARJZ-2500RL7 AD5660ARJZ-2 |
SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PDSO8 ROHS COMPLIANT, MO-178BA, SOT-23, 8 PIN Single, 12-/14-/16-Bit nanoDAC with 5 ppm/°C On-Chip Reference in SOT-23 Single, 12-/14-/16-Bit nanoDAC with 5 ppm/°C On-Chip Reference in SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5680BRJZ-2500RL7 EVAL-AD5680EB AD5680 AD5680BRJZ |
5 V 18-Bit nanoDAC in a SOT-23
|
AD[Analog Devices]
|
AD5062BRJ-1 AD5062BRJ-2 AD5062BRJ-3 AD5063BRM-1 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
|
Analog Devices, Inc.
|
AD5060BRJZ-2500RL7 AD5060ARJZ-2500RL7 |
Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter Output Buffered in a Sot 23
|
Analog Devices
|
AD5621 AD5621AKS AD5621BKS AD5601 AD5601BKS AD5611 |
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 2.7 V.5 V,00联合航空-/10-/12-Bit nanoDAC系列的D / A,SPI接口,SC70封装 2.7 V to 5.5 V, UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 599.54 Kbytes 2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5695RBRUZ AD5694RBRUZ |
Quad 16-/14-/12-Bit nanoDAC
|
Analog Devices
|
AD5601BCPZ-RL7 AD5601BKSZ-500RL7 AD5601BKSZ-REEL7 |
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
|
Analog Devices
|
EVAL-AD5063EB AD5063BRMZ-1-REEL71 |
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
|
Analog Devices
|